Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet (PDF) - ams-OSRAM AG

CMV50000 Datasheet PDF - ams-OSRAM AG
Part # CMV50000
Download  CMV50000 Download
File Size   3881.01 Kbytes
Page   137 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 47.5MP CMOS Machine Vision Image Sensor

CMV50000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMV50000 Datasheet PDF - ams-OSRAM AG

Part # CMV50000
Download  CMV50000 Click to download

File Size   3881.01 Kbytes
Page   137 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 47.5MP CMOS Machine Vision Image Sensor

CMV50000 Datasheet (HTML) - ams-OSRAM AG


CMV50000 Product details

General Description
The CMV50000 is a high speed CMOS image sensor with 7920 × 6004 effective pixels (47.5Mp)
developed for machine vision and video applications. The image array consists of 4.6μm pipelined 8T
global shutter pixels which allow exposure during read out, while performing true CDS (Correlated
Double Sampling) operation. The image sensor also integrates a programmable analog gain amplifier
and offset regulation. The image sensor has 22 digital sub-LVDS data output channels. Each output
channel runs up to 830 Mbit/s, which results in a frame rate of 30 fps at full resolution. Higher frame
rates can be achieved in row-windowing mode or row-subsampling mode. These modes are all
programmable using the SPI interface. All internal exposure and read out timings are generated by a
programmable on-chip sequencer. External triggering and exposure programming is also possible.
Extended optical dynamic range can be achieved by a dual exposure HDR mode.
Applications
● Machine vision
● Video/Broadcast
● Security
● High-end inspection
● Aerial mapping
● Document scanning
● ITS
● Scientific
● 3D imaging
Features
Resolution of 7920 × 6004 at 30 frames per
second
8T global shutter pixel with true Correlated
Double Sampling (true-CDS)
Low noise (8.8e) and high sensitivity (QE=60%),
with on-chip noise reduction.
In binning mode the full well capacity reaches
58000e- with an SNR of 47.6dB and DR=68dB
35 mm Full Frame optical format
On-chip digital sequencer which handles all the
sensor controls, over SPI




Similar Part No. - CMV50000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV50000 AMSCO-CMV50000 Datasheet
4Mb / 136P
47.5MP CMOS Machine Vision Image Sensor
More results


Similar Description - CMV50000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
2.2 Megapixel machine vision CMOS image sensor
CMV4000 AMSCO-CMV4000 Datasheet
3Mb / 67P
4.2 Megapixel machine vision CMOS image sensor
CMV12000 AMSCO-CMV12000 Datasheet
1Mb / 80P
12 Megapixel machine vision CMOS image sensor
CMV50000 AMSCO-CMV50000 Datasheet
4Mb / 136P
47.5MP CMOS Machine Vision Image Sensor
logo
Balluff Korea Ltd.
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
logo
ams AG
CMV8000 AMSCO-CMV8000 Datasheet
2Mb / 90P
8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com