Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CMV50000 Datasheet HTML 1Page - ams-OSRAM AG CMV50000 Datasheet HTML 2Page - ams-OSRAM AG CMV50000 Datasheet HTML 3Page - ams-OSRAM AG CMV50000 Datasheet HTML 4Page - ams-OSRAM AG CMV50000 Datasheet HTML 5Page - ams-OSRAM AG CMV50000 Datasheet HTML 6Page - ams-OSRAM AG CMV50000 Datasheet HTML 7Page - ams-OSRAM AG CMV50000 Datasheet HTML 8Page - ams-OSRAM AG CMV50000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 137 page
background image
Document Feedback
CMV50000
General Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 3
1
General Description
The CMV50000 is a high speed CMOS image sensor with 7920 × 6004 effective pixels (47.5Mp)
developed for machine vision and video applications. The image array consists of 4.6µm pipelined 8T
global shutter pixels which allow exposure during read out, while performing true CDS (Correlated
Double Sampling) operation. The image sensor also integrates a programmable analog gain amplifier
and offset regulation. The image sensor has 22 digital sub-LVDS data output channels. Each output
channel runs up to 830 Mbit/s, which results in a frame rate of 30 fps at full resolution. Higher frame
rates can be achieved in row-windowing mode or row-subsampling mode. These modes are all
programmable using the SPI interface. All internal exposure and read out timings are generated by a
programmable on-chip sequencer. External triggering and exposure programming is also possible.
Extended optical dynamic range can be achieved by a dual exposure HDR mode.
1.1
Key Benefits & Features
The benefits and features of CMV50000, 47.5MP CMOS Machine Vision Image Sensor, are listed
below:
Figure 1:
Added Value of Using CMV50000
Benefits
Features
Designed for high performance applications
Resolution of 7920 × 6004 at 30 frames per
second
Capture fast moving objects
8T global shutter pixel with true Correlated
Double Sampling (true-CDS)
Use in low light conditions
Low noise (8.8e) and high sensitivity (QE=60%),
with on-chip noise reduction.
Use in bright light conditions
In binning mode the full well capacity reaches
58000e- with an SNR of 47.6dB and DR=68dB
Standard optics can be used
35 mm Full Frame optical format
Easy to operate
On-chip digital sequencer which handles all the
sensor controls, over SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com