Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 21Page - ams-OSRAM AG CMV50000 Datasheet HTML 22Page - ams-OSRAM AG CMV50000 Datasheet HTML 23Page - ams-OSRAM AG CMV50000 Datasheet HTML 24Page - ams-OSRAM AG CMV50000 Datasheet HTML 25Page - ams-OSRAM AG CMV50000 Datasheet HTML 26Page - ams-OSRAM AG CMV50000 Datasheet HTML 27Page - ams-OSRAM AG CMV50000 Datasheet HTML 28Page - ams-OSRAM AG CMV50000 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 24
decoupled by a 100µF and 100nF capacitor. The negative supply regulators also require a decoupling
of 1µF on a separate output pin (which will settle to -1.2V).
Next figure shows the positive and negative voltage regulator as well as the bias connections.
Figure 16:
On-Chip Regulators Connection Diagram
For the 100nF and 1µF capacitors, ceramic types can be used. Capacitances of 100µF can be
electrolytic types (beware of the polarity on the negative supplies!). The maximal specified ESR and
ESL of these 100µF capacitors a
re 0.1Ω and 10nH respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com