Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 9Page - ams-OSRAM AG CMV50000 Datasheet HTML 10Page - ams-OSRAM AG CMV50000 Datasheet HTML 11Page - ams-OSRAM AG CMV50000 Datasheet HTML 12Page - ams-OSRAM AG CMV50000 Datasheet HTML 13Page - ams-OSRAM AG CMV50000 Datasheet HTML 14Page - ams-OSRAM AG CMV50000 Datasheet HTML 15Page - ams-OSRAM AG CMV50000 Datasheet HTML 16Page - ams-OSRAM AG CMV50000 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
Document Feedback
CMV50000
Electrical Characteristics
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 12
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods.
Figure 6:
Electrical Characteristics of CMV50000
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power Supplies
VDD12
Logic Supply Voltage of digital core,
PLL
1.10
1.20
1.30
V
VDD12C
Logic Supply Voltage of ADC
1.10
1.20
1.30
V
VDD18
I/O Supply Voltage for sub-LVDS,
CMOS I/O’s
1.70
1.80
1.90
V
VDD27
Main Analog Supply Voltage;
Supply Voltage for negative regulators
2.60
2.70
2.80
V
VDDARRAY
Pixel Array Supply Voltage
2.60
2.70
2.80
V
VDD33
Internal Regulator Supply Voltage
3.20
3.30
3.40
V
IDD12
Supply Current
Idle
Running
350
375
mA
IDD12C
Supply Current
Idle
Running
10
410
mA
IDD18
Supply Current
Idle
Running
130
115
mA
IDD27
Supply Current
Idle
Running
550
550
mA
IDDARRAY
Supply Current
Idle
Running
130
130 (1)
mA
IDD33
Supply Current
Idle
Running
20
20
mA
Ptot
Total Power Consumption
Idle
Running
2.5
3.0
W
Digital I/O
VIH
High level input voltage
0.7 × VDD18
VDD18 +0.5
V
VIL
Low level input voltage
-0.5
0.3 × VDD18
V
VOH
High level output voltage
IOH=4mA
VDD18 -0.15
-
V
VOL
Low level output voltage
IOL=4mA
-
0.15
V
CI
Input load
-
10
pF
CO
Output load
-
20
pF
Ttran
Input transition time
0.1
5.0
ns
fCLK_IN
CLK_IN frequency
6
96
MHz
DCCLK_IN
CLK_IN duty cycle
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com