Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 60Page - ams-OSRAM AG CMV50000 Datasheet HTML 61Page - ams-OSRAM AG CMV50000 Datasheet HTML 62Page - ams-OSRAM AG CMV50000 Datasheet HTML 63Page - ams-OSRAM AG CMV50000 Datasheet HTML 64Page - ams-OSRAM AG CMV50000 Datasheet HTML 65Page - ams-OSRAM AG CMV50000 Datasheet HTML 66Page - ams-OSRAM AG CMV50000 Datasheet HTML 67Page - ams-OSRAM AG CMV50000 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 63
Figure 69:
Set PLL Sequence
#
Bank
Address
Value
1
0
106
0
2
0
110
0
3
0
114
0
4
0
107
pll1_pre_div (see calculation below)
5
0
109
pll1_clkout_sel (see calculation below)
6
0
108
pll1_ndiv (see calculation below)
7
0
112
pll2_ndiv (see calculation below)
8
0
114
1
9
0
106
1
10
0
110
1
The parameter pll1_pre_div depends only on the frequency of the sensor input clock CLK_IN
(between 6 MHz and 96 MHz).
Figure 70:
CLK_IN Divider Selection
CLK_IN
pll1_pre_div
6 MHz
– 12 MHz
0
12 MHz
– 24 MHz
1
24 MHz
– 48 MHz
2
48 MHz
– 96 MHz
3
The parameter pll1_clkout_sel depends only on the targeted output data rate.
Figure 71:
Data Rate Selection
Target Output Data Rate
pll1_clkout_sel
460
– 830 Mbit/s
0
230
– 460 Mbit/s
1
120
– 230 Mbit/s
2
The parameter pll1_ndiv depends on the frequency of the sensor input clock CLK_IN as well as the
desired output data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com