Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV50000 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 17Page - ams-OSRAM AG CMV50000 Datasheet HTML 18Page - ams-OSRAM AG CMV50000 Datasheet HTML 19Page - ams-OSRAM AG CMV50000 Datasheet HTML 20Page - ams-OSRAM AG CMV50000 Datasheet HTML 21Page - ams-OSRAM AG CMV50000 Datasheet HTML 22Page - ams-OSRAM AG CMV50000 Datasheet HTML 23Page - ams-OSRAM AG CMV50000 Datasheet HTML 24Page - ams-OSRAM AG CMV50000 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 20
Figure 14:
Pixel Array
The pixel array can be split up in 3 parts: Optical black (OB) pixels (left and right side), buffer pixels
(around effective array perimeter) and effective pixels. Only the 68 effective OB pixels are used for
internal row clamping, which improves row noise and allows setting a pre-defined black level. The
buffer pixels form a guard ring around the effective pixels. The buffer pixels are optically active, but are
not guaranteed to meet the optical specifications. The 98 OB and 22 buffer pixels are read out via the
sub-LVDS OB-L/R outputs.
The full resolution of the pixel array is 8160 × 6048 pixels. This results in an effective resolution of
7920 × 6004 pixels or 47.5Mpixels. The effective array is 36.4mm × 27.6mm which is slightly larger
than the 35mm full frame optical format (= 36mm × 24mm; which would correspond to a window of
7826 × 5217).
Because of the large sensor area, a wafer process called mask stitching is done. The vertical stitch
line is located exactly in the middle of the array. Therefor a small offset between the pixels left and
right of the stitch line might be present.
Micro-lenses are placed on the pixels for improved quantum efficiency and fill factor.
7.1.2
Analog Front End
The analog front end consists of the PGA (programmable gain amplifier) and circuitry to prepare the
signal for ADC conversion.
Effective Pixels
Buffer Pixels
Buffer Pixels
22 buffer pixels
98 OB pixels (68 eff. OB)
7920 (effective)
8160
22
22
6004
(effective)
6048
3960 (=120*33)
3960 (=120*33)
22 buffer pixels
98 OB pixels (68 eff. OB)
120
120
15
68
15 buffer
Effective OB
Pixel (0,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com