Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet (PDF) - ams-OSRAM AG

CMV8000 Datasheet PDF - ams-OSRAM AG
Part # CMV8000
Download  CMV8000 Download
File Size   2708.65 Kbytes
Page   90 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8MP CMOS Machine Vision Image Sensor

CMV8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMV8000 Datasheet PDF - ams-OSRAM AG

Part # CMV8000
Download  CMV8000 Click to download

File Size   2708.65 Kbytes
Page   90 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8MP CMOS Machine Vision Image Sensor

CMV8000 Datasheet (HTML) - ams-OSRAM AG


CMV8000 Product details

General Description
The CMV8000 is a high-speed CMOS image sensor developed for machine vision and traffic
applications, with 3360 by 2496 active pixels. The image array consists of 5.5 μm by 5.5 μm pipelined
global shutter pixels, which allow exposure during read-out, while performing CDS operation. The
image data is read out serially through 16 LVDS channels, with 10-bit or 12-bit resolution. The sensor
also integrates a programmable gain amplifier and offset regulation. Each LVDS output channel runs
at 600 Mbps maximum, which results in a frame rate of 103 FPS at full image resolution with 10-bit
color. Higher frame rates are possible when reading out a smaller region of interest or when
subsampling is enabled. These modes are all programmable using the SPI interface. A programmable
on-board sequencer generates all internal exposure and read-out timings. External triggering and
exposure programming is possible. Optical dynamic range can be increased by several on-chip high
dynamic range (HDR) modes.
Features
Resolution of 3360 by 2496 at 103 frames per
second
8T global shutter pixel with true correlated
double sampling
On-chip digital sequencer which handles all the
sensor controls, over SPI
High bit rate
Applications
● Machine vision
● Motion capture
● Intelligent traffic systems
● Video and broadcast
● Medical
● Scientific




Similar Part No. - CMV8000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV8000 AMSCO-CMV8000 Datasheet
2Mb / 90P
8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
CMV8000ES-1E5C1PA AMSCO-CMV8000ES-1E5C1PA Datasheet
2Mb / 90P
8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
CMV8000ES-1E5M1PA AMSCO-CMV8000ES-1E5M1PA Datasheet
2Mb / 90P
8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
More results


Similar Description - CMV8000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
2.2 Megapixel machine vision CMOS image sensor
CMV4000 AMSCO-CMV4000 Datasheet
3Mb / 67P
4.2 Megapixel machine vision CMOS image sensor
CMV12000 AMSCO-CMV12000 Datasheet
1Mb / 80P
12 Megapixel machine vision CMOS image sensor
CMV50000 AMSCO-CMV50000 Datasheet
4Mb / 136P
47.5MP CMOS Machine Vision Image Sensor
logo
Balluff Korea Ltd.
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
logo
ams AG
CMV8000 AMSCO-CMV8000 Datasheet
2Mb / 90P
8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com