Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CMV8000 Datasheet HTML 1Page - ams-OSRAM AG CMV8000 Datasheet HTML 2Page - ams-OSRAM AG CMV8000 Datasheet HTML 3Page - ams-OSRAM AG CMV8000 Datasheet HTML 4Page - ams-OSRAM AG CMV8000 Datasheet HTML 5Page - ams-OSRAM AG CMV8000 Datasheet HTML 6Page - ams-OSRAM AG CMV8000 Datasheet HTML 7Page - ams-OSRAM AG CMV8000 Datasheet HTML 8Page - ams-OSRAM AG CMV8000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Document Feedback
CMV8000
General Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 3
1
General Description
The CMV8000 is a high-speed CMOS image sensor developed for machine vision and traffic
applications, with 3360 by 2496 active pixels. The image array consists of 5.5 µm by 5.5 µm pipelined
global shutter pixels, which allow exposure during read-out, while performing CDS operation. The
image data is read out serially through 16 LVDS channels, with 10-bit or 12-bit resolution. The sensor
also integrates a programmable gain amplifier and offset regulation. Each LVDS output channel runs
at 600 Mbps maximum, which results in a frame rate of 103 FPS at full image resolution with 10-bit
color. Higher frame rates are possible when reading out a smaller region of interest or when
subsampling is enabled. These modes are all programmable using the SPI interface. A programmable
on-board sequencer generates all internal exposure and read-out timings. External triggering and
exposure programming is possible. Optical dynamic range can be increased by several on-chip high
dynamic range (HDR) modes.
1.1
Key Benefits & Features
The benefits and features of CMV8000, 8MP CMOS Machine Vision Image Sensor, are listed below:
Figure 1:
Added Value of Using CMV8000
Benefits
Features
Designed for high performance applications
Resolution of 3360 by 2496 at 103 frames per
second
Capture fast moving objects
8T global shutter pixel with true correlated
double sampling
Easy to operate
On-chip digital sequencer which handles all the
sensor controls, over SPI
High inspection rate
High bit rate
1.2
Applications
●
Machine vision
●
Motion capture
●
Intelligent traffic systems
●
Video and broadcast
●
Medical
●
Scientific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com