Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 28Page - ams-OSRAM AG CMV8000 Datasheet HTML 29Page - ams-OSRAM AG CMV8000 Datasheet HTML 30Page - ams-OSRAM AG CMV8000 Datasheet HTML 31Page - ams-OSRAM AG CMV8000 Datasheet HTML 32Page - ams-OSRAM AG CMV8000 Datasheet HTML 33Page - ams-OSRAM AG CMV8000 Datasheet HTML 34Page - ams-OSRAM AG CMV8000 Datasheet HTML 35Page - ams-OSRAM AG CMV8000 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 31
Control Channel
The OUT_CTR LVDS output channel is dedicated to the valid data synchronization signals of the data
channels. The end user must use this channel to know when valid image data or training data is
available on the data output channels.
The control channel transfers its data in 10-bit or 12-bit words, depending on the selected bit mode.
Every bit has a specific function, as described in Figure 28 below.
Figure 28:
Control Word
Bit
Function
Description
[0]
DVAL
Indicates valid pixel data is on the
data channels
[1]
LVAL
Indicates validity of a row read-out
[2]
FVAL
Indicates validity of a frame read-out
[3]
SLOT
Indicates the overhead period before
112-pixel bursts
[4]
ROW
Indicates the overhead period before
the read-out of a row
[5]
FOT
Indicates when the sensor is in FOT
[6]
INTE1
Indicates exposure of pixels in
exposure group 1
[7]
INTE2
Indicates exposure of pixels in
exposure group 2
[8]
0
Constant zero
[9]
1
Constant one
[10]
0
Constant zero
[11]
0
Constant zero
Information
Status bits [3] through [7] are purely informational and are not strictly required for sampling image
data. DVAL, LVAL and FVAL signals are sufficient to synchronize the pixel data.
Information
The INTE status bits will be zero at the start of the FOT signal, although the actual exposure time
continues during part of the FOT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com