Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 82Page - ams-OSRAM AG CMV8000 Datasheet HTML 83Page - ams-OSRAM AG CMV8000 Datasheet HTML 84Page - ams-OSRAM AG CMV8000 Datasheet HTML 85Page - ams-OSRAM AG CMV8000 Datasheet HTML 86Page - ams-OSRAM AG CMV8000 Datasheet HTML 87Page - ams-OSRAM AG CMV8000 Datasheet HTML 88Page - ams-OSRAM AG CMV8000 Datasheet HTML 89Page - ams-OSRAM AG CMV8000 Datasheet HTML 90Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Document Feedback
CMV8000
Soldering & Storage Information
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 86
11
Soldering & Storage Information
Attention
Image sensors with color filter arrays and micro lenses are particularly sensitive to high
temperatures. Prolonged heating at elevated temperatures may result in deterioration of the optical
performance of the sensor.
A socket is the safest way to avoid any thermal stress. When not using a socket, we recommend to
use manual hand soldering. Wave soldering can be used with precautions. Reflow soldering is not
recommended.
Manual Soldering: Use partial heating method and use a soldering iron with temperature control. The
soldering iron tip temperature is not to exceed 350 °C with a 270 °C maximum pin temperature. Touch
for a 2 seconds maximum duration per pin. Avoid touching and global heating of the ceramic package
during soldering. Failure to do so may later device performance and reliability.
Wave Soldering: Wave solder dipping can cause damage to the glass and harm the imaging capability
of the device. Avoid the solder to come in contact with the glass or ceramic body.
Figure 140:
Solder Reflow Profile Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com