Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 26Page - ams-OSRAM AG CMV8000 Datasheet HTML 27Page - ams-OSRAM AG CMV8000 Datasheet HTML 28Page - ams-OSRAM AG CMV8000 Datasheet HTML 29Page - ams-OSRAM AG CMV8000 Datasheet HTML 30Page - ams-OSRAM AG CMV8000 Datasheet HTML 31Page - ams-OSRAM AG CMV8000 Datasheet HTML 32Page - ams-OSRAM AG CMV8000 Datasheet HTML 33Page - ams-OSRAM AG CMV8000 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 29
Figure 25:
Request for 2 Frames in External Exposure Mode
7.3
Sensor Read-Out Format
7.3.1
LVDS Outputs
The CMV8000 has Low Voltage Differential Signaling (LVDS) outputs to transport the image data to
the surrounding system. Next to 16 data channels carrying image data, the sensor has two additional
LVDS channels dedicated to sync codes and a Double Data Rate (DDR) clock for sampling. In total,
the sensor has 18 LVDS output pairs.
The sensor uses a total of 36 pins for the LVDS outputs. Please refer to the pin list for the pin numbers
that assigned to LVDS signaling.
The 16 data channels transfer 10-bit or 12-bit pixel data from the sensor to the receiver, with each
pixel value serialized over a single LVDS pair.
The output clock channel OUT_CLK conveys a clock signal, synchronous to the data on the other
LVDS channels. It is strongly advised that this clock is used to sample the data instead of an external
clock signal. This clock has a double data rate, which means that the pixel data is launched on both
rising and falling edges of this signal. When the OUT_CLK is a 300 MHz signal, the output data rate
per channel is 600 Mbps.
The control channel puts out sync codes that contain status information of the data channels. This
information is grouped in 10-bit or 12-bit words that are sent out synchronous to the 16 data channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com