Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 48Page - ams-OSRAM AG CMV8000 Datasheet HTML 49Page - ams-OSRAM AG CMV8000 Datasheet HTML 50Page - ams-OSRAM AG CMV8000 Datasheet HTML 51Page - ams-OSRAM AG CMV8000 Datasheet HTML 52Page - ams-OSRAM AG CMV8000 Datasheet HTML 53Page - ams-OSRAM AG CMV8000 Datasheet HTML 54Page - ams-OSRAM AG CMV8000 Datasheet HTML 55Page - ams-OSRAM AG CMV8000 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 51
Bit Name
Address
Description
row_length[6:0]
62
10-bit mode
12-bit mode
2: 16 outputs
4: 16 outputs
4: 8 outputs
8: 8 outputs
8: 4 outputs
16: 4 outputs
16: 2 outputs
32: 2 outputs
When multiplexing data to less than 16 output channels, the remaining LVDS channels are switched
off automatically. The following table details which channels remain active in the different multiplexing
modes.
Figure 57:
Active LVDS Channels
MUX
Active LVDS Channels
Pixels Per Channel
3
OUT1, OUT5, OUT0, OUT13, OUT17,
OUT21, OUT25, OUT29
224
7
OUT1, OUT9, OUT17, OUT25
448
15
OUT1, OUT17
896
7.6
Configuring the On-Chip Data Processing
7.6.1
Setting the Black Level
Figure 58:
Offset Register
Bit Name
Address
Description
db_offset_data[11:0]
80-81
Set the black level of the
sensor in 1DN increments
A digital offset can be applied to the output signal. This dark level offset can be programmed by setting
the desired value in the DB_OFFSET_DATA register. This 12-bit register value is a 2-complement
number, allowing addition and subtraction from the current black level, from +2047 to -2048. The ADC
itself has a fixed offset of -440DN.
To calculate the sensor black level, use the ADC offset and add or subtract the DB_OFFSET_DATA
value. For example, with the default value of this register at 444, the typical black level of the sensor
should be -440 + 444 = 4DN in 10-bit mode. For a register value greater than 2048, the value is
converted to a negative number like in Figure 59 below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com