Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 35Page - ams-OSRAM AG CMV8000 Datasheet HTML 36Page - ams-OSRAM AG CMV8000 Datasheet HTML 37Page - ams-OSRAM AG CMV8000 Datasheet HTML 38Page - ams-OSRAM AG CMV8000 Datasheet HTML 39Page - ams-OSRAM AG CMV8000 Datasheet HTML 40Page - ams-OSRAM AG CMV8000 Datasheet HTML 41Page - ams-OSRAM AG CMV8000 Datasheet HTML 42Page - ams-OSRAM AG CMV8000 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 38
Figure 39:
Dual Exposure in External Mode
When a color sensor is used, the dual exposure mode has to be adjusted to preserve the Bayer
pattern. By enabling the following register, the two exposure groups are valid for two adjacent
columns.
Figure 40:
Color Registers
Bit Name
Address
Description
mono[0]
121
0: Color sensor is used
1: Monochrome sensor is used
Piecewise Linear Response HDR
The sensor has the option to achieve a higher optical dynamic range by configuring the pixel to have a
piecewise linear response. This feature will clip illuminated pixels which reach a programmable
voltage, while leaving the darker pixels untouched. The clipping level can be adjusted two times within
one exposure to achieve a maximum of three linear slopes in the response curve.
INT1
INT2
F_REQ
Exposure time even rows
Exposure time odd rows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com