Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 40Page - ams-OSRAM AG CMV8000 Datasheet HTML 41Page - ams-OSRAM AG CMV8000 Datasheet HTML 42Page - ams-OSRAM AG CMV8000 Datasheet HTML 43Page - ams-OSRAM AG CMV8000 Datasheet HTML 44Page - ams-OSRAM AG CMV8000 Datasheet HTML 45Page - ams-OSRAM AG CMV8000 Datasheet HTML 46Page - ams-OSRAM AG CMV8000 Datasheet HTML 47Page - ams-OSRAM AG CMV8000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 43
In the same fashion, the read-out time is defined by:
Equation 8:
������������������������������������������ = (2 × (������������������������_������������������������������������ + 1) ×
#������������������������
2
× ������ ×
32
#������������������������������������������
) × ������������������������������_������������������
This leads to a reduced max. frame rate of 40 FPS for 12-bit mode and a full resolution image.
Sequence Length
In internal exposure mode, each high level on the F_REQ pin will trigger exposure and read-out of one
or more frames. With the FRAMES register, the user can control how many frames will follow after the
F_REQ pulse. The sensor adjusts the timing of these frames so that the maximum frame rate for that
use case is achieved.
Figure 46:
FRAMES Register
Bit Name
Address
Description
frames[15:0]
54-55
Sets the number of frames in
internal exposure mode
7.4.2
Windowing
The sensor supports several windowing modes in the vertical direction to create different regions of
interest.
Vertical ROI Settings
To limit the amount of data or to increase the frame rate of the sensor, windowing in Y-direction is
supported. The amount of windows can vary from 1 to 8. The number of lines for each window and the
start addresses can be set by programming the registers in the table below. The YSIZE_TOT register
needs to be programmed at all times as the sum of all window sizes. The sensor reads out the pixel
array from window 0 to window 7, regardless of the rows that these windows address. The default
mode is to read out a single window with the full frame size of 2528 rows.
Figure 47:
Windowing Registers
Bit Name
Address
Description
ysize_tot[15:0]
1-2
Set the total number of lines
to read out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com