Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV8000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 9Page - ams-OSRAM AG CMV8000 Datasheet HTML 10Page - ams-OSRAM AG CMV8000 Datasheet HTML 11Page - ams-OSRAM AG CMV8000 Datasheet HTML 12Page - ams-OSRAM AG CMV8000 Datasheet HTML 13Page - ams-OSRAM AG CMV8000 Datasheet HTML 14Page - ams-OSRAM AG CMV8000 Datasheet HTML 15Page - ams-OSRAM AG CMV8000 Datasheet HTML 16Page - ams-OSRAM AG CMV8000 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Document Feedback
CMV8000
Electrical Characteristics
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 12
5
Electrical Characteristics
If not stated otherwise, all values are typical.
Figure 6:
Electrical Characteristics of CMV8000
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power Supplies
VDD18
Digital blocks
1.95
1.98
2.00
V
VDD33
Analog blocks
3.2
3.3
3.4
V
VDDPIX
Pixel array
power supply
2.9
3.0
3.1
V
VRST_H
Pixel reset
pulse
3.2
3.3
3.4
V
IDD18
Supply current
Nominal
410
mA
IDD33
Supply current
Nominal
125
mA
IDDPIX
Supply current
Nominal
Peak(1)
20
150
mA
IDDRST_H
Supply current
Nominal
Peak
0.5
20
mA
Ptot
Total power
consumption
1.2
W
Digital I/O
VIH
High level input
voltage
2.0
VDD33
V
VIL
Low level input
voltage
GND
0.8
V
VOH
High level
output voltage
VDD33=3.3 V
IOH=2 mA
2.1
V
VOL
Low level
output voltage
VDD33=3.3 V
IOH=2 mA
0.4
V
fIN_LCLK
IN_LCLK
frequency
125
300
MHz
DCIN_LCLK
IN_LCLK duty
cycle
45
50
55
%
fSPI_CLK
SPI input clock
frequency
60
MHz
LVDS Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com