Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet (PDF) - ams-OSRAM AG

CSG14K_CSG8K Datasheet PDF - ams-OSRAM AG
Part # CSG14K_CSG8K
Download  CSG14K_CSG8K Download
File Size   3296.24 Kbytes
Page   114 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor

CSG14K_CSG8K Datasheet (PDF)

Go To PDF Page Download Datasheet
CSG14K_CSG8K Datasheet PDF - ams-OSRAM AG

Part # CSG14K_CSG8K
Download  CSG14K_CSG8K Click to download

File Size   3296.24 Kbytes
Page   114 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor

CSG14K_CSG8K Datasheet (HTML) - ams-OSRAM AG


CSG14K_CSG8K Product details

General Description
The CSG14K_CSG8K is a high speed CMOS image sensor family developed for machine
vision and video applications. The image array consists of 3.2 μm pipelined global shutter
pixels, which allow exposure during read out, while performing true CDS (Correlated Double
Sampling) operation. The image sensor has 16 sub-LVDS data output channels. Each output
channel runs at up to 1.25 Gbit/s, resulting in a frame rate of 140 fps (CSG14K) or 231 fps
(CSG8K) in full resolution. Higher frame rates can be achieved in row-windowing mode or
row-subsampling mode. These modes are all programmable using the SPI interface. All
internal exposure and read out timings are generated by a programmable on-chip sequencer.
External triggering and exposure programming is also possible. Extended optical dynamic
range can be achieved by a dual exposure HDR (High Dynamic Range) mode. The image
sensor also integrates black level clamping.
Features
13.8 Mp resolution at 140/93.6 fps (CSG14K, 10/12-bit)
8.3 Mp resolution at 231/154 fps (CSG8K, 10/12-bit)
Global shutter pixel with true Correlated Double
Sampling (true-CDS).
Low noise and high sensitivity with on-chip noise
reduction.
1” optical format in a 20 mm × 22 mm LGA package
(CSG14K).
1/1.1” optical format in a 20 mm × 22 mm LGA package
(CSG8K).
Programmable sensor timing & readout configuration.
Applications
● Machine Vision
● High-End Inspection
● Video / Broadcast
● Security




Similar Part No. - CSG14K_CSG8K

ManufacturerPart #DatasheetDescription
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
OSRAM GmbH
CSG14K_CSG8K OSRAM-CSG14K_CSG8K Datasheet
3Mb / 114P
13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
v2-01 2023-Feb-10
More results


Similar Description - CSG14K_CSG8K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com