Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA-CS8PM1-23 Datasheet (PDF) - ams-OSRAM AG

GA-CS8PM1-23 Datasheet PDF - ams-OSRAM AG
Part # GA-CS8PM1-23
Download  GA-CS8PM1-23 Download
File Size   1801.56 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description higher performing OSLON SSL family LED

GA-CS8PM1-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
GA-CS8PM1-23 Datasheet PDF - ams-OSRAM AG

Part # GA-CS8PM1-23
Download  GA-CS8PM1-23 Click to download

File Size   1801.56 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description higher performing OSLON SSL family LED

GA-CS8PM1-23 Datasheet (HTML) - ams-OSRAM AG


GA-CS8PM1-23 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 80°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 112 lm
- Luminous efficacy: typ. 152 lm/W





Similar Part No. - GA-CS8PM1-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GA-CS8PM1.23 OSRAM-GA-CS8PM1.23 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results


Similar Description - GA-CS8PM1-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
logo
ams AG
GACSHPM1.23 AMSCO-GACSHPM1.23 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2022-09-12
GHCS8PM1.24 AMSCO-GHCS8PM1.24 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.16 2022-09-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com