Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-CSBRM2-14 Datasheet (PDF) - ams-OSRAM AG

GD-CSBRM2-14 Datasheet PDF - ams-OSRAM AG
Part # GD-CSBRM2-14
Download  GD-CSBRM2-14 Download
File Size   1914.48 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Square

GD-CSBRM2-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD-CSBRM2-14 Datasheet PDF - ams-OSRAM AG

Part # GD-CSBRM2-14
Download  GD-CSBRM2-14 Click to download

File Size   1914.48 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ Square

GD-CSBRM2-14 Datasheet (HTML) - ams-OSRAM AG


GD-CSBRM2-14 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux : typ. 1525 mW @ 700mA ; typ. 804 mW @ 350mA
- Radiant Efficiency: typ. 75% @ 700mA; typ. 82% @ 350mA
- Photon Flux: typ. 5.66 μmol/s @ 700mA ; typ. 2.98 μmol/s @ 350mA
- Photon Flux Efficacy: typ 2.79 μmol/J @ 700mA ; typ 3.03 μmol/J @ 350mA





Similar Part No. - GD-CSBRM2-14

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GD-CS8PM1-14 AMSOSRAM-GD-CS8PM1-14 Datasheet
1Mb / 21P
OSLON® SSL 80
Version 1.6 2021-08-20
logo
OSRAM GmbH
GD-CS8PM1.14 OSRAM-GD-CS8PM1.14 Datasheet
2Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GD-CSHPM1-14 AMSOSRAM-GD-CSHPM1-14 Datasheet
1Mb / 21P
OSLON® SSL 150
Version 1.6 2021-08-01
logo
OSRAM GmbH
GD-CSHPM1.14 OSRAM-GD-CSHPM1.14 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GD-CSSPM1-14 AMSOSRAM-GD-CSSPM1-14 Datasheet
1Mb / 21P
OSLON® SSL 120
Version 1.4 2021-08-01
More results


Similar Description - GD-CSBRM2-14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com