Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-CSBRM2-14 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GD-CSBRM2-14
Description  OSLON™ Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-CSBRM2-14 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GD-CSBRM2-14 Datasheet HTML 1Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 2Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 3Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 4Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 5Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 6Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 7Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 8Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD CSBRM2.14
DATASHEET
DATASHEET
2 | Version 1.4 | 2025-10-02
OSLON™ Square
GD CSBRM2.14
OSLON™ Square Deep Blue latest offering comes with a
unique innovative radiation pattern, designed to illuminate
plants evenly for uniform growth while reducing number of lumi-
naires and lowering overall cost. Additionally, this high-power
LED provides excellent reliability, long lifetime and low thermal
resistance in a compact footprint.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux : typ. 1525 mW @ 700mA ; typ. 804 mW @ 350mA
- Radiant Efficiency: typ. 75% @ 700mA; typ. 82% @ 350mA
- Photon Flux: typ. 5.66 μmol/s @ 700mA ; typ. 2.98 μmol/s @ 350mA
- Photon Flux Efficacy: typ 2.79 μmol/J @ 700mA ; typ 3.03 μmol/J @ 350mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com