Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSBRM4-24 Datasheet (PDF) - ams-OSRAM AG

GH-CSBRM4-24 Datasheet PDF - ams-OSRAM AG
Part # GH-CSBRM4-24
Download  GH-CSBRM4-24 Download
File Size   1919.21 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 2 | Version 1.6 | 2025-10-02

GH-CSBRM4-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GH-CSBRM4-24 Datasheet PDF - ams-OSRAM AG

Part # GH-CSBRM4-24
Download  GH-CSBRM4-24 Click to download

File Size   1919.21 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 2 | Version 1.6 | 2025-10-02

GH-CSBRM4-24 Datasheet (HTML) - ams-OSRAM AG


GH-CSBRM4-24 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 1086 mW @ 700mA ; typ. 546 mW @ 350mA
- Radiant Efficiency: typ. 79% @ 700mA; typ. 84% @ 350mA
- Photon Flux: typ. 5.97 umol/s @ 700mA; typ. 3.00 umol/s @ 350mA
- Photon Flux Efficacy: typ. 4.33 umol/J @ 700mA; typ. 4.60 umol/J @ 350mA
- ThinFilm LED chip designed and manufactured in Germany





Similar Part No. - GH-CSBRM4-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GH-CS8PM1-24 AMSOSRAM-GH-CS8PM1-24 Datasheet
1Mb / 22P
OSLON® SSL 80
Version 1.17 2024-11-28
logo
OSRAM GmbH
GH-CS8PM1.24 OSRAM-GH-CS8PM1.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GH-CSHPM1-24 AMSOSRAM-GH-CSHPM1-24 Datasheet
1,021Kb / 21P
OSLON® SSL 150
Version 1.15 2021-08-01
logo
OSRAM GmbH
GH-CSHPM1.24 OSRAM-GH-CSHPM1.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GH-CSSPM1-24 AMSOSRAM-GH-CSSPM1-24 Datasheet
1Mb / 22P
OSLON® SSL 120
Version 1.15 2024-11-28
More results


Similar Description - GH-CSBRM4-24

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
4 Pad Version 1.6 x 1.2 mm
logo
DOMINANT Semiconductors
J1W-PZHY DOMINANT-J1W-PZHY Datasheet
1Mb / 15P
NagaJo 2025
logo
PHOENIX CONTACT
1417387 PHOENIX-1417387 Datasheet
83Kb / 4P
Contact insert module - HC-M-02-AT-F-10
1417389 PHOENIX-1417389 Datasheet
73Kb / 4P
Contact insert module - HC-M-02-AT-M-10
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8DAT WALSIN-RFLPF10051G8DAT Datasheet
551Kb / 7P
1710 ~ 2025 MHz Working Frequency
logo
Adels-Contact
112402 ADELS-112402 Datasheet
116Kb / 1P
Screwless Connectors Block Connectors 930-02/ 2
06/01/2020
112410 ADELS-112410 Datasheet
125Kb / 1P
Screwless Connectors Block Connectors 930-02/10
06/01/2020
logo
Microsemi Corporation
VSC7424-02 MICROSEMI-VSC7424-02 Datasheet
4Mb / 772P
VSC7424-02 supports 10× 1G with 8x 1G copper PHYs 2× 1G SGMII
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com