Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT6004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6004
Download  FMMT6004 Download
File Size   673.52 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Tunnel Diode Detector, 500 MHz to 18 GHz, SMA, Negative Video Out, 17 dBm max Pin, 5 nsec Pulse Risetime

FMMT6004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6004
Download  FMMT6004 Click to download

File Size   673.52 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Tunnel Diode Detector, 500 MHz to 18 GHz, SMA, Negative Video Out, 17 dBm max Pin, 5 nsec Pulse Risetime

FMMT6004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6004 Product details

Features
• Germanium (Ge) planar construction and operates over a broadband frequency
Features
• output resistance of 125 ohms typical, and an extremely fast pulse response
Features
• range with very efficient low level RF signal detection, wide video bandwidth, and
• excellent loaded voltage output sensitivity. The Detector exhibits an extremely
• stable and flat Negative Output Polarity response across a wide frequency band
• and has excellent temperature stability across an operating temperature range of
• -65°C to +115°C. Maximum CW input power handling is +17 dBm. The compact
Features
• Video output connector.
Features
• Tunnel Diode Detector
• Rugged Germanium (Ge)
• Planar Construction
• Broadband Frequency:
• 0.1 to 2 GHz
• Zero Bias Design
• Negative Video Output
• Operational Temperature:
• -65°C to +115°C
• Extremely Fast Pulse Video
• Response: 5 nsec typ. risetime
• Max CW Input Power +17 dBm
• Extremely Low Video
• Resistance: 125 ohms typical
• SMA Male RF Input and SMA
• Female Video Output Connectors
• Excellent Temperature Stability
• Excellent Dynamic Range
• with Very Efficient Low
• Level Signal Detection
• Excellent Loaded Voltage
• Output Sensitivity
• Applications:
• Transmitter Monotoring
• Radar Equipment
• Missile Guidance Systems
• Input to Low Noise Amplifiers
• ECM Receivers
• Power and Signal Monitors
• Doppler Radar and
• Beacon Receivers
• Test & Measurement
• Pulse Applications




Similar Part No. - FMMT6004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6000 FAIRVIEW-FMMT6000 Datasheet
672Kb / 5P
Tunnel Diode Detector, 100 MHz to 2 GHz, SMA, Negative Video Out, 17 dBm max Pin, 5 nsec Pulse Risetime
REV 1
FMMT6002 FAIRVIEW-FMMT6002 Datasheet
673Kb / 5P
Tunnel Diode Detector, 100 MHz to 4 GHz, SMA, Negative Video Out, 17 dBm max Pin, 5 nsec Pulse Risetime
REV 1
More results


Similar Description - FMMT6004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8001 PASTERNACK-PE8001 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com