Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD200 1P Datasheet (PDF) - Wavelength Electronics, Inc.

LDD200 1P Datasheet PDF - Wavelength Electronics, Inc.
Part # LDD200 1P
Download  LDD200 1P Download
File Size   3112.85 Kbytes
Page   28 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low Noise Laser Diode Drivers

LDD200 1P Datasheet (PDF)

Go To PDF Page Download Datasheet
LDD200 1P Datasheet PDF - Wavelength Electronics, Inc.

Part # LDD200 1P
Download  LDD200 1P Click to download

File Size   3112.85 Kbytes
Page   28 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low Noise Laser Diode Drivers

LDD200 1P Datasheet (HTML) - Wavelength Electronics, Inc.


LDD200 1P Product details

FEATURES AND BENEFITS
• Up to 400 mA current drive capacity
• +5 to +12 V single supply operation
• 12-turn trimpots control Current Setpoint and Limit
Setpoint
• Operates all low power laser diodes
• Modulation up to 2MHz
• Slow start circuitry
• Buffered measurement output
• Small size
• 8-pin DIP package
• Low noise operation
• Constant Current mode operation
LASER SAFETY FEATURES
In order to protect laser diodes, all LDD P series drivers
are equipped with current limit protection, as well as slow
start circuitry. Current limit protection ensures that the
diode will not be overdriven, and the slow start circuitry
protects the diode from thermal shock that can damage
the laser at turn on.




Similar Part No. - LDD200 1P

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
LDD200P -1 & 2P WAVELENGTH-LDD200P -1 & 2P Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
LDD200P-3P WAVELENGTH-LDD200P-3P Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
More results


Similar Description - LDD200 1P

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6259C ELANTEC-EL6259C Datasheet
42Kb / 2P
Low Noise 4-Channel Laser Diode Driver Oscillator
logo
Maxim Integrated Produc...
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Analog Technologies, In...
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com