Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3930 Datasheet (PDF) - Maxim Integrated Products

MAX3930 Datasheet PDF - Maxim Integrated Products
Part # MAX3930
Download  MAX3930 Download
File Size   849.15 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10.7Gbps Laser Diode Drivers

MAX3930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3930 Datasheet PDF - Maxim Integrated Products

Part # MAX3930
Download  MAX3930 Click to download

File Size   849.15 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10.7Gbps Laser Diode Drivers

MAX3930 Datasheet (HTML) - Maxim Integrated Products


MAX3930 Product details

General Description
The MAX3930/MAX3931/MAX3932 are designed for direct modulation of laser diodes at data rates up to 10.7Gbps. They provide adjustable laser bias and modulation currents and are implemented using Maxim’s second-generation in-house SiGe process.
The MAX3930 accepts differential CML clock and data input signals and includes 50Ω on-chip termination resistors. It delivers a 1mA to 100mA laser bias current and a 20mA to 100mA modulation current with a typical (20% to 80%) 25ps rise time. An input data retiming latch can be used to reject input pattern-dependent jitter if a clock signal is available.

Features
♦ Single +5V or -5.2V Power Supply
♦ 108mA Supply Current
♦ Operates to 10.7Gbps
♦ 50Ω On-Chip Input Termination Resistors
♦ Programmable Modulation Current to 100mA
♦ Programmable Laser Bias Current to 100mA
♦ 25ps Rise Time (MAX3930/MAX3932)
♦ Adjustable Pulse-Width Control
♦ Selectable Data Retiming Latch
♦ ESD Protection
♦ Internal Series Damping Resistor (MAX3931)

Applications
   SONET OC-192 and SDH STM-64
   Transmission Systems
   Up to 10.7Gbps Optical Transmitters
   Section Regenerators




Similar Part No. - MAX3930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AD MAXIM-MAX3934AD Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934AE MAXIM-MAX3934AE Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
MAX3934BD MAXIM-MAX3934BD Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
More results


Similar Description - MAX3930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
10.7Gbps EAM Driver
Rev 1; 12/02
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
Load Assembly for Laser Drivers
1/26/2022
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com