Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3934AD Datasheet (PDF) - Maxim Integrated Products

MAX3934AD Datasheet PDF - Maxim Integrated Products
Part # MAX3934AD
Download  MAX3934AD Download
File Size   1438.53 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10.7Gbps Compact Laser Diode Driver

MAX3934AD Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3934AD Datasheet PDF - Maxim Integrated Products

Part # MAX3934AD
Download  MAX3934AD Click to download

File Size   1438.53 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10.7Gbps Compact Laser Diode Driver

MAX3934AD Datasheet (HTML) - Maxim Integrated Products


MAX3934AD Product details

General Description
The MAX3934 is a compact +5V or -5.2V laser driver designed to directly modulate a laser diode at data rates up to 10.7Gbps. The driver provides externally programmable laser biasing and modulation currents. DC-coupling with an integrated compensation network, consisting of a series-damping resistor and a shunt RC, makes the MAX3934 ideal for compact subassemblies.

Features
♦ 1.30mm × 1.35mm Die Size
♦ Integrated Compensation Network
♦ Single +5V or -5.2V Power Supply
♦ 73mA Supply Current
♦ Up to 10.7Gbps (NRZ) Operation
♦ Programmable Laser Bias Current Up to 60mA
♦ Programmable Modulation Current Up to 80mA
♦ Polarity Control
♦ 25ps Output Edge Speed
♦ CML-/PECL-Compatible Signal Inputs
♦ Integrated Input Termination Resistors

Applications
   Compact Optical Transmitters
   Add/Drop Multiplexer
   XFP Modules
   XENPAK/XPAK Modules




Similar Part No. - MAX3934AD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results


Similar Description - MAX3934AD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
10.7Gbps EAM Driver
Rev 1; 12/02
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com