Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD10000 Datasheet (PDF) - Wavelength Electronics, Inc.

PLD10000 Datasheet PDF - Wavelength Electronics, Inc.
Part # PLD10000
Download  PLD10000 Download
File Size   2356.4 Kbytes
Page   20 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Drivers

PLD10000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLD10000 Datasheet PDF - Wavelength Electronics, Inc.

Part # PLD10000
Download  PLD10000 Click to download

File Size   2356.4 Kbytes
Page   20 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Laser Diode Drivers

PLD10000 Datasheet (HTML) - Wavelength Electronics, Inc.


PLD10000 Product details

FEATURES AND BENEFITS
• Two models: 10 A and 12.5 A output current
• PLD10000 can be operated from a 5 VDC supply
• Separate power supply can be used to drive
high-compliance lasers, up to 27.5 V
• Product Variation allows high-compliance up to
85V.
• Constant Current or Constant Power modes
• Safety features protect your laser
» Adjustable latching current limit
» Slow-start circuitry
• Remote Enable controls
• Optimized heatsink and fan simplifies integration
LASER SAFETY FEATURES
Built-in safety features make your product more robust
to real world operating conditions: latching current limit
switches off the output if the current limit is reached; a slow
start circuit ramps the output current; and a mechanical
shorting relay protects the laser from ESD events while the
output is switched off.
Long-term reliability means better up-time, fewer service
calls, and more customers who are satisfied with your
products.




Similar Part No. - PLD10000

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
PLD10000 WAVELENGTH-PLD10000 Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
PLD10000 WAVELENGTH-PLD10000 Datasheet
278Kb / 2P
Declaration of Conformity
September-2022
More results


Similar Description - PLD10000

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
Dual Output DVD and CD 4 Channel Laser Diode Drivers
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Analog Technologies, In...
ATLS212DLDV1.0 ANALOGTECHNOLOGIES-ATLS212DLDV1.0 Datasheet
310Kb / 6P
Load Assembly for Laser Drivers
1/26/2022
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com