Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS321 Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS321 Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS321
Download  GS321 Download
File Size   682.02 Kbytes
Page   8 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Single Operational Amplifiers

GS321 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS321 Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS321
Download  GS321 Click to download

File Size   682.02 Kbytes
Page   8 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Single Operational Amplifiers

GS321 Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS321 Product details

Product Description
The GS321 brings performance and economy to
low power systems.
With a high unity gain frequency and a guaranteed
0.4V/μs slew rate, the quiescent current is only
430μA/amplifier (5V).
The input common mode range includes ground
and therefore the device is able to operate in
single supply applications as well as in dual supply
applications. It is also capable of comfortably
driving large capacitive loads.
The GS321 is available in the SOT-23-5L
package. Overall the GS321 is a low power, wide
supply range performance op amp that can be
designed into a wide range of applications at an
economical price without sacrificing valuable board
space.
Features
◼ Low supply current: 430μA
◼ Low input bias current: 20nA
◼ Wide supply voltage range: +3V to +32V
◼ Single version of GS358
◼ RoHS Compliant and Halogen Free
Applications
◼ Chargers
◼ Power supplies
◼ Industrial: controls, instruments
◼ Desktops
◼ Communications infrastructure




Similar Part No. - GS321

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS321LVLF GLOBALTECH-GS321LVLF Datasheet
544Kb / 7P
General Purpose CMOS Operational Amplifiers
Version_2.2
More results


Similar Description - GS321

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Panasonic Semiconductor
AN4250 PANASONIC-AN4250 Datasheet
49Kb / 5P
Single Low Power Consumption Operational Amplifiers
logo
STMicroelectronics
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
UA776 STMICROELECTRONICS-UA776 Datasheet
99Kb / 8P
PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
Dec-1997
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
Low power JFET single operational amplifiers
05-Mar-2009
logo
Texas Instruments
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com