Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC1403 Datasheet (PDF) - STMicroelectronics

MC1403 Datasheet PDF - STMicroelectronics
Part # MC1403
Download  MC1403 Download
File Size   37.86 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V PRECISION SERIAL VOLTAGE REFERENCE

MC1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1403 Datasheet PDF - STMicroelectronics

Part # MC1403
Download  MC1403 Click to download

File Size   37.86 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V PRECISION SERIAL VOLTAGE REFERENCE

MC1403 Datasheet (HTML) - STMicroelectronics


MC1403 Product details

DESCRIPTION
The MC1403 is a serial 2.5V bandgap voltage reference. The major advantages are the 1% precision, the wide input voltage range (4.5V to 40V) and the low quiescent current (1.5mA max.)

■ OUTPUT VOLTAGE : 2.5V ±1%
■ INPUT VOLTAGE RANGE : 4.5V to 40V
■ QUIESCENT CURRENT : 1.2mA typ.
■ OUTPUT CURRENT : 10mA




Similar Part No. - MC1403

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
Low Voltage Reference
March, 2005 ??Rev. 4
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
2.5V PRECISION SERIAL VOLTAGE REFERENCE
Feb-2002
More results


Similar Description - MC1403

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
2.5V Precision Voltage Reference
REF-43 AD-REF-43 Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
Precision 2.5V FGA Voltage Reference
March 15, 2005
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
Precision 2.5V FGA??Voltage Reference
May 24, 2006
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
2.5V PRECISION VOLTAGE REFERENCE
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403_02 Datasheet
40Kb / 3P
2.5V PRECISION SERIAL VOLTAGE REFERENCE
Feb-2002
logo
Anaren Microwave
MSK109RH ANAREN-MSK109RH Datasheet
412Kb / 7P
2.5V RAD HARD PRECISION VOLTAGE REFERENCE
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com