Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040 Datasheet (PDF) - Sipex Corporation

SPX4040 Datasheet PDF - Sipex Corporation
Part # SPX4040
Download  SPX4040 Download
File Size   154.25 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Precision Micropower 2.5V Shunt Voltage Reference

SPX4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX4040 Datasheet PDF - Sipex Corporation

Part # SPX4040
Download  SPX4040 Click to download

File Size   154.25 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Precision Micropower 2.5V Shunt Voltage Reference

SPX4040 Datasheet (HTML) - Sipex Corporation


SPX4040 Product details

PRODUCT DESCRIPTION
The SPX4040 is a two-terminal, temperature compensated, band-gap voltage reference, which provides a fixed 2.5V output for input currents between 100 µA to 15mA. The bandgap voltage (2.5V) is independently trimmed from the output voltage to achieve a very low tempco. This trimming technique process gives a very stable device over the full temperature range (A grade 50 ppm/ °C). The SPX4040 is available in the sub-miniature (3mm × 1.3mm) SOT-23, SO-8 surface mount package, or TO-92 package. The operating temperature is -40°C to 85°C.

FEATURES
• Low temperature coefficient 100 ppm/°C
• Operating current range 100µA to 15 mA
• Low power, 250 mW @ Iin=100 mA
• Two terminal "Zener" operation
• Small package: SOT - 23, TO-92, and SO-8
• Fixed reverse breakdown voltage 2.5 Volt
• No output capacitance required
• Similar replacement for LM4040

APPLICATIONS
• Constant Current Source
• Digital Voltmeter
• Power Supply Monitor
• Precision Regulators
• Battery-Powered Equipment
• Instrumentation
• Automotive Electronics
• Data Acquisition Systems
• Energy Management




Similar Part No. - SPX4040

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
95Kb / 9P
Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AM-2.5 SIPEX-SPX4040AM-2.5 Datasheet
95Kb / 9P
Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AM-2.5/TR SIPEX-SPX4040AM-2.5/TR Datasheet
95Kb / 9P
Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AN-2.5 SIPEX-SPX4040AN-2.5 Datasheet
95Kb / 9P
Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AN-2.5/TR SIPEX-SPX4040AN-2.5/TR Datasheet
95Kb / 9P
Precision Micropower 2.5V ShuntVoltage Reference
More results


Similar Description - SPX4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com