Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4040 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX4040
Description  Precision Micropower 2.5V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX4040 Datasheet HTML 1Page - Sipex Corporation SPX4040 Datasheet HTML 2Page - Sipex Corporation SPX4040 Datasheet HTML 3Page - Sipex Corporation SPX4040 Datasheet HTML 4Page - Sipex Corporation SPX4040 Datasheet HTML 5Page - Sipex Corporation SPX4040 Datasheet HTML 6Page - Sipex Corporation SPX4040 Datasheet HTML 7Page - Sipex Corporation SPX4040 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 10/25/00
SPX4040
ELECTRICAL CHARACTERISTICS (SPX4040-5.0V)
Electrical Characteristics at IIN = 1000
µA, and TA = +25°C unless otherwise noted. . Boldface limits apply over temperature
Parameters
Conditions
SPX4040A2
Min
Typ
Max
SPX4040B2
Min
Typ
Max
Units
Reverse Breakdown
Voltage
IR=500
µA
5.000
5.000
V
Reverse Breakdown
Tolerance
IR=500
µA
±50
±98
±50
±98
mV
mV
Output Impedance
0.60
2
0.60
2
Ω
Noise Voltage
0.1KHz
≤f ≤10Hz
15
15
µV p-p
Tempco
Note 1
50
100
ppm/
°C
Turn-on Setting
0.1% of VOUT
30
30
µSec
Operating Current Range
Note 2
0.175
15
0.175
15
mA
Temp
. Range
-40
85
-40
85
°C
Parameters
Conditions
SPX4040A3
Min
Typ
Max
SPX4040B3
Min
Typ
Max
Units
Reverse Breakdown
Voltage
IR=500
µA
5.000
5.000
V
Reverse Breakdown
Tolerance
IR=500
µA
±100
±148
±100
±148
mV
mV
Output Impedance
0.60
2
0.60
2
Ω
Noise Voltage
0.1KHz
≤f ≤10Hz
15
15
µV p-p
Tempco
Note 1
50
100
ppm/
°C
Turn-on Setting
0.1% of VOUT
30
30
µSec
Operating Current Range
Note 2
0.175
15
0.175
15
mA
Temp. Range
-40
85
-40
85
°C
Note:
1) Three-point measurement guarantees the error band over the specified temperature range.
2) Optimum performance is obtained at currents below 1000
µA.
3) Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation using statistical quality control.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com