Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75138PI Datasheet (PDF) - Philex Electronic Ltd.

75138PI Datasheet PDF - Philex Electronic Ltd.
Part # 75138PI
Download  75138PI Download
File Size   769.45 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m Rugged USB-C to USB-C Cable

75138PI Datasheet (PDF)

Go To PDF Page Download Datasheet
75138PI Datasheet PDF - Philex Electronic Ltd.

Part # 75138PI
Download  75138PI Click to download

File Size   769.45 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1m Rugged USB-C to USB-C Cable

75138PI Datasheet (HTML) - Philex Electronic Ltd.


75138PI Product details

Features
• USB 2.0 compatibility for reliable data transfer
and charging for a variety of devices.
• Optimised for quick charge and high-speed
data transfer rates.
• A braided outer layer prevents tangling and
adds durability.
• Enhanced strain relief design.




Similar Part No. - 75138PI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7513 RENESAS-7513 Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Philex Electronic Ltd.
75130PI PHILEX-75130PI Datasheet
144Kb / 1P
3M USB-C to USB-C Charging Cable
75131PI PHILEX-75131PI Datasheet
145Kb / 1P
1M USB-A to Lightning Charging Cable
75133PI PHILEX-75133PI Datasheet
146Kb / 1P
3M USB-A to Lightning Charging Cable
logo
Molex Electronics Ltd.
75134-1000 MOLEX9-75134-1000 Datasheet
285Kb / 5P
1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
More results


Similar Description - 75138PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
logo
PHOENIX CONTACT
1021809 PHOENIX-1021809 Datasheet
100Kb / 4P
Connecting cable - CAB-USB C/ USB C/1,8M
Dec 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com