Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10Y14ASP Datasheet (PDF) - Renesas Technology Corp

R5F10Y14ASP Datasheet PDF - Renesas Technology Corp
Part # R5F10Y14ASP
Download  R5F10Y14ASP Download
File Size   440.44 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True Low Power Platform (as low as 46 μA/MHz), 2.0 to 5.5V Operation, 1 to 4 Kbyte Flash for General Purpose Applications

R5F10Y14ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F10Y14ASP Datasheet PDF - Renesas Technology Corp

Part # R5F10Y14ASP
Download  R5F10Y14ASP Click to download

File Size   440.44 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True Low Power Platform (as low as 46 μA/MHz), 2.0 to 5.5V Operation, 1 to 4 Kbyte Flash for General Purpose Applications

R5F10Y14ASP Datasheet (HTML) - Renesas Technology Corp


R5F10Y14ASP Product details

Ultra-Low Power Technology
 2.0 to 5.5 V operation from a single supply
 Stop (RAM retained): 0.56 μA
 Operating: 46 μA /MHz
RL78-S1 Core
 Instruction execution: 78 % of instructions can be
executed in 1 to 2 clock cycles
 CISC architecture (Harvard) with 3-stage pipeline
 Multiply: 8 x 8 to 16-bit result in 2 clock cycles
 16-bit barrel shifter for shift & rotate in 2 clock cycle
 1-wire on-chip debug function
Main Flash Memory
 Density: 1 to 4 Kbyte
 Flash memory rewritable voltage: 4.5 to 5.5 V
RAM
 128 to 512 Byte size options
 Supports operands or instructions
 Back-up retention in all modes
High-speed On-chip Oscillator
 20 MHz with +/-2 % accuracy over voltage (2.0 to
5.5 V) and temperature (-20 to +85°C)
 Pre-configured settings: 20 MHz, 10 MHz, 5 MHz,
2.5 MHz, and 1.25 MHz
Reset and Supply Management
 Selectable power-on reset (SPOR) generator
with 4 setting options
Multiple Communication Interfaces
 1 x I2C master
 1 x I2C multi-master (only for 16-pin product)
 1 x UART (7-, 8-bit)
 Up to 2 x Simplified SPI (CSI Note) (7-, 8-bit)




Similar Part No. - R5F10Y14ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10Y14ASP#30 RENESAS-R5F10Y14ASP#30 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
R5F10Y14ASP#50 RENESAS-R5F10Y14ASP#50 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
R5F10Y14ASP#V0 RENESAS-R5F10Y14ASP#V0 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
R5F10Y14ASP#X0 RENESAS-R5F10Y14ASP#X0 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
More results


Similar Description - R5F10Y14ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com