Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCTR1001 Datasheet (PDF) - Infinite Electronics International, Inc.

LCTR1001 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCTR1001
Download  LCTR1001 Download
File Size   368.41 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 1 GHz with SMA Male Nickel Plated Brass Body

LCTR1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCTR1001 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCTR1001
Download  LCTR1001 Click to download

File Size   368.41 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 1 GHz with SMA Male Nickel Plated Brass Body

LCTR1001 Datasheet (HTML) - Infinite Electronics International, Inc.


LCTR1001 Product details

Features
• SMA connector interface
• DC to 1 GHz Frequency Range
• Max Power 2 Watt (CW)
• VSWR < 1.1:1
Applications
• Instrumentation
• RF test systems
• Prototyping and characterization
• Production systems
• Precision measurements
.
Description
L-com’s LCTR1001 is an RF termination (also called RF load or dummy load) that operates from DC to 1 GHz and handles up
to 2 Watt (CW). This SMA termination / load has a male gender. LCTR1001 termination offers 1.1:1 max VSWR.
RF loads/terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely
used in measurement systems to ensure accurate results.




Similar Part No. - LCTR1001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCTR1006 L-COM-LCTR1006 Datasheet
245Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Male
02/04/2021
LCTR1007 L-COM-LCTR1007 Datasheet
244Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
LCTR1009 L-COM-LCTR1009 Datasheet
244Kb / 3P
2 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
More results


Similar Description - LCTR1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6076 PASTERNACK-PE6076_17 Datasheet
318Kb / 3P
2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com