Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCTR1009 Datasheet (PDF) - Infinite Electronics International, Inc.

LCTR1009 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCTR1009
Download  LCTR1009 Download
File Size   244.84 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 18 GHz with SMA Female

LCTR1009 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCTR1009 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCTR1009
Download  LCTR1009 Click to download

File Size   244.84 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 18 GHz with SMA Female

LCTR1009 Datasheet (HTML) - Infinite Electronics International, Inc.


LCTR1009 Product details

Features
• Frequency range from DC to 18GHz
• Max Power 2W
• Operating temp range from -55 to 125C
• VSWR <1.40:1
Applications
• Coaxial termination • 50 Ohm applications • Signal splitters
.
Description
L-com’s LCTR1009 is an RF termination (also called RF load or dummy load) that operates from DC to 18 GHz and handles up to 2 Watt
(CW). This SMA termination / load has a female gender. LCTR1009 termination offers 1.35:1 max VSWR.
RF loads/terminations are indispensable components in many RF, microwave and millimeter wave systems where signal reflection from
unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an unused port with a matched
load (dummy load), the incident energy will be absorbed with minimal reflection. These termination components are commonly used to
terminate devices such as couplers, circulators, and switches. They are also widely used in measurement systems to ensure accurate
results.




Similar Part No. - LCTR1009

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCTR1001 L-COM-LCTR1001 Datasheet
368Kb / 3P
2 Watt RF Load Up to 1 GHz with SMA Male Nickel Plated Brass Body
05/23/2019
LCTR1006 L-COM-LCTR1006 Datasheet
245Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Male
02/04/2021
LCTR1007 L-COM-LCTR1007 Datasheet
244Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
More results


Similar Description - LCTR1009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1000 PASTERNACK-PE6TR1000 Datasheet
343Kb / 3P
30 Watt RF Load Up To 4.2 GHz With SMA Female Input
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6073 PASTERNACK-PE6073_16 Datasheet
420Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6081 PASTERNACK-PE6081_16 Datasheet
424Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6083 PASTERNACK-PE6083 Datasheet
423Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6084 PASTERNACK-PE6084_16 Datasheet
423Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6096 PASTERNACK-PE6096_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6103 PASTERNACK-PE6103_16 Datasheet
425Kb / 3P
10 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6212 PASTERNACK-PE6212_15 Datasheet
375Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Female Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com