Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCTR1009 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCTR1009
Description  2 Watt RF Load Up to 18 GHz with SMA Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCTR1009 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCTR1009 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCTR1009 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCTR1009 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | l-com.com
2
LCTR1009 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
2 Watt RF Load Up to 18 GHz with SMA Female
LCTR1009
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Outer Conductor
Brass
Nickel
Body
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2 Watt RF Load Up to 18 GHz with SMA Female from L-com has same day shipment for domestic and International orders. Our
portfolio includes coaxial cable assemblies, connectors, adapters and custom products as well as lightning and surge protectors, NEMA
rated enclosures, and an RF product line which includes antennas, amplifiers, passive, and active components. Click the following link
(or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: 2 Watt
RF Load Up to 18 GHz with SMA Female LCTR1009
URL: https://www.l-com.com/2-watt-rf-load-up-18-ghz-sma-female-lctr1009-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.ontained within this document
is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to the part and/or the
documentation of the part in order to impliment improvements. L-com reserves the right to make such changes as required. Unless otherwise stated, all
specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose,
and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com