Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFD3000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD3000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD3000
Download  FMFD3000 Download
File Size   704.13 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 3 Prescaler Module Operating from 100 MHz to 7 GHz

FMFD3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD3000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD3000
Download  FMFD3000 Click to download

File Size   704.13 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 3 Prescaler Module Operating from 100 MHz to 7 GHz

FMFD3000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD3000 Product details

Features
• Wide Input Frequency
• Range: 100 MHz to 7 GHz
• Divide-by-3 Prescaler
• Output Frequency 30
• MHz to 2.33 GHz
• Output Power: -1 dBm typical
• Low SSB Phase Noise: -150 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage: +12 Vdc
• Operational Temperature
• Range: -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Applications:
• PLL Applications
• Test Instrumentation
• Countermeasures
• Point to Point Microwave Radio
• SATCOM
• MILCOM
• Base Stations
• FMFD3000
• DATA SHEET




Similar Part No. - FMFD3000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD1001 FAIRVIEW-FMFD1001 Datasheet
698Kb / 3P
SMA Frequency Divider Divide by 10 Prescaler Module Operating from 100 MHz to 12.5 GHz
REV 1.1
FMFD1002 FAIRVIEW-FMFD1002 Datasheet
698Kb / 3P
SMA Frequency Divider Divide by 10 Prescaler Module Operating from 200 MHz to 6 GHz
REV 1.1
FMFD12000 FAIRVIEW-FMFD12000 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 12 Prescaler Module Operating from 100 MHz to 13 GHz
REV 1.1
FMFD15000 FAIRVIEW-FMFD15000 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 15 Prescaler Module Operating from 100 MHz to 7 GHz
REV 1.1
FMFD20001 FAIRVIEW-FMFD20001 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 20 Prescaler Module Operating from 200 MHz to 6 GHz
REV 1.1
More results


Similar Description - FMFD3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com