Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFD8003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD8003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD8003
Download  FMFD8003 Download
File Size   703.97 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 8 Prescaler Module Operating from 100 MHz to 12 GHz

FMFD8003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD8003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD8003
Download  FMFD8003 Click to download

File Size   703.97 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 8 Prescaler Module Operating from 100 MHz to 12 GHz

FMFD8003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD8003 Product details

Features
• Wide Input Frequency Range:
• 100 MHz to 12 GHz
• Divide-by-8 Prescaler
• Output Frequency 12.5
• MHz to 1.5 GHz
• Output Power: -6 dBm typical
• Low SSB Phase Noise: -153 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage: +12 Vdc
• Operational Temperature
• Range: -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Applications:
• PLL Applications
• Test Instrumentation
• Countermeasures
• Point to Point Microwave Radio
• SATCOM
• MILCOM
• Base Stations
• FMFD8003
• DATA SHEET




Similar Part No. - FMFD8003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD8000 FAIRVIEW-FMFD8000 Datasheet
711Kb / 5P
Field Replaceable SMA Frequency Divider Divide by 8 Prescaler Module Operating from 500 MHz to 18 GHz
REV 1.0
FMFD8001 FAIRVIEW-FMFD8001 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 8 Prescaler Module Operating from 500 MHz to 18 GHz
REV 1.1
FMFD8002 FAIRVIEW-FMFD8002 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 8 Prescaler Module Operating from 100 MHz to 20 GHz
REV 1.1
FMFD8004 FAIRVIEW-FMFD8004 Datasheet
564Kb / 3P
Frequency Divider, Divide by 8 Prescaler Module, 100 MHz to 24 GHz, SMA
REV 1A
More results


Similar Description - FMFD8003

ManufacturerPart #DatasheetDescription
logo
NEC
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
logo
Agilent(Hewlett-Packard...
HMMC-3128 HP-HMMC-3128 Datasheet
638Kb / 8P
DC-12 GHz Packaged High Efficiency Divide-by-8 Prescaler
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com