Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KACCBB-GM Datasheet (PDF) - ams-OSRAM AG

GW-KACCBB-GM Datasheet PDF - ams-OSRAM AG
Part # GW-KACCBB-GM
Download  GW-KACCBB-GM Download
File Size   1816.54 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 5

GW-KACCBB-GM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-KACCBB-GM Datasheet PDF - ams-OSRAM AG

Part # GW-KACCBB-GM
Download  GW-KACCBB-GM Click to download

File Size   1816.54 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 5

GW-KACCBB-GM Datasheet (HTML) - ams-OSRAM AG


GW-KACCBB-GM Product details

Applications
- Indoor lighting
Features
- Package: Chip-on-Board
- Typ. Radiation: 120°
- Color temperature: 2700K - 5000K
- CRI: 96 (min.), 97 (typ.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 564 lm @ 3000 K, 25 °C
- Luminous efficacy: typ. 105 lm/W @ 3000 K, 25 °C





Similar Part No. - GW-KACCBB-GM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-KADEBA-CM AMSOSRAM-GW-KADEBA-CM Datasheet
1Mb / 19P
SOLERIQ™ S 6
Version 1.7 2026-04-23
GW-KADEBB-GM AMSOSRAM-GW-KADEBB-GM Datasheet
1Mb / 18P
SOLERIQ™ S 6
Version 1.8 2026-04-23
GW-KADEBT-CM AMSOSRAM-GW-KADEBT-CM Datasheet
2Mb / 19P
SOLERIQ™ S 6
Version 1.3 2026-04-23
GW-KADFBT-CM AMSOSRAM-GW-KADFBT-CM Datasheet
2Mb / 19P
SOLERIQ™ S 6
Version 1.3 2026-04-23
GW-KADGB9-KM AMSOSRAM-GW-KADGB9-KM Datasheet
1Mb / 18P
SOLERIQ™ S 6
Version 1.2 2025-12-08
More results


Similar Description - GW-KACCBB-GM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
PHOENIX CONTACT
3056129 PHOENIX-3056129 Datasheet
94Kb / 4P
RWO 5/S
3073597 PHOENIX-3073597 Datasheet
101Kb / 4P
RW 5/S
logo
Infineon Technologies A...
IAUC60N10S5L110 INFINEON-IAUC60N10S5L110 Datasheet
1Mb / 10P
OptiMOS™-5 Power Transistor
Rev. 1.0 2021-01-19
IAUT300N10S5N014 INFINEON-IAUT300N10S5N014 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.0 2021-01-19
IAUC120N06S5L011 INFINEON-IAUC120N06S5L011 Datasheet
826Kb / 12P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2022-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com