Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KADEBA-CM Datasheet (PDF) - ams-OSRAM AG

GW-KADEBA-CM Datasheet PDF - ams-OSRAM AG
Part # GW-KADEBA-CM
Download  GW-KADEBA-CM Download
File Size   1833.03 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 6

GW-KADEBA-CM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-KADEBA-CM Datasheet PDF - ams-OSRAM AG

Part # GW-KADEBA-CM
Download  GW-KADEBA-CM Click to download

File Size   1833.03 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 6

GW-KADEBA-CM Datasheet (HTML) - ams-OSRAM AG


GW-KADEBA-CM Product details

Applications
- Indoor lighting
Features
- Package: Chip-on-Board
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 5000K
- CRI: 90 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 677 lm @ 3000 K, 25 °C
- Luminous efficacy: typ. 131 lm/W @ 3000 K, 25 °C





Similar Part No. - GW-KADEBA-CM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-KADEBB-GM AMSOSRAM-GW-KADEBB-GM Datasheet
1Mb / 18P
SOLERIQ™ S 6
Version 1.8 2026-04-23
GW-KADEBT-CM AMSOSRAM-GW-KADEBT-CM Datasheet
2Mb / 19P
SOLERIQ™ S 6
Version 1.3 2026-04-23
More results


Similar Description - GW-KADEBA-CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
Infineon Technologies A...
IAUA250N04S6N007E INFINEON-IAUA250N04S6N007E Datasheet
780Kb / 12P
OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUC120N04S6L012 INFINEON-IAUC120N04S6L012 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC120N04S6N013 INFINEON-IAUC120N04S6N013 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC80N04S6L032 INFINEON-IAUC80N04S6L032 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com