Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KADEBA-CM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-KADEBA-CM
Description  SOLERIQ™ S 6
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KADEBA-CM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-KADEBA-CM Datasheet HTML 2Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 3Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 4Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 5Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 6Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 7Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 8Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 9Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
GW KADEBA.CM
DATASHEET
DATASHEET
6 | Version 1.7 | 2026-04-23
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 150 mA
I
F = 150 mA
min.
max.
Φ
V
Φ
V
PS
563.0 lm
610.0 lm
PT
610.0 lm
658.0 lm
PU
658.0 lm
710.0 lm
QP
710.0 lm
763.0 lm
QQ
763.0 lm
820.0 lm
QR
820.0 lm
892.0 lm
QS
892.0 lm
970.0 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com