Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KADEBA-CM Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # GW-KADEBA-CM
Description  SOLERIQ™ S 6
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KADEBA-CM Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button GW-KADEBA-CM Datasheet HTML 7Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 8Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 9Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 10Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 11Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 12Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 13Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 14Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GW KADEBA.CM
DATASHEET
DATASHEET
11 | Version 1.7 | 2026-04-23
Forward Voltage 5)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 150 mA
GW KADEBA.CM
020406080
100
Tj /°C
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
∆VF /V
Relative Luminous Flux 5)
Φ
v/Φv(25 °C) = f(Tj); IF = 150 mA
GW KADEBA.CM
020406080
100
Tj /°C
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(85°C)
Chromaticity Coordinate Shift 5)
ΔCx, ΔCy = f(T
j); IF = 150 mA
GW KADEBA.CM
020406080
100
Tj /°C
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com