Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KADEBA-CM Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # GW-KADEBA-CM
Description  SOLERIQ™ S 6
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KADEBA-CM Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button GW-KADEBA-CM Datasheet HTML 3Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 4Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 5Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 6Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 7Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 8Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 9Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 10Page - ams-OSRAM AG GW-KADEBA-CM Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GW KADEBA.CM
DATASHEET
DATASHEET
7 | Version 1.7 | 2026-04-23
Chromaticity Coordinate Groups
Chromaticity Coordinate Groups
Group
Cx
Cy
CCT
27A
0.4534 0.4109 2700
0.4617 0.4167 2700
0.4620 0.4087 2700
27B
0.4534 0.4109 2700
0.4620 0.4087 2700
0.4537 0.4029 2700
30A
0.4296 0.4043 3000
0.4382 0.4105 3000
0.4382 0.4021 3000
30B
0.4296 0.3959 3000
0.4296 0.4043 3000
0.4382 0.4021 3000
Group
Cx
Cy
CCT
35A
0.4033 0.3939 3500
0.4124 0.4008 3500
0.4121 0.3919 3500
35B
0.4030 0.3850 3500
0.4033 0.3939 3500
0.4121 0.3919 3500
40A
0.3775 0.3805 4000
0.3867 0.3875 4000
0.3861 0.3787 4000
40B
0.3769 0.3717 4000
0.3775 0.3805 4000
0.3861 0.3787 4000
Group
Cx
Cy
CCT
50A
0.3408 0.3555 5000
0.3480 0.3623 5000
0.3484 0.3547 5000
50B
0.3408 0.3555 5000
0.3484 0.3547 5000
0.3412 0.3479 5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com