Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q65115A1906 Datasheet (PDF) - ams-OSRAM AG

Q65115A1906 Datasheet PDF - ams-OSRAM AG
Part # Q65115A1906
Download  Q65115A1906 Download
File Size   1934.1 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 9

Q65115A1906 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65115A1906 Datasheet PDF - ams-OSRAM AG

Part # Q65115A1906
Download  Q65115A1906 Click to download

File Size   1934.1 Kbytes
Page   18 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SOLERIQ™ S 9

Q65115A1906 Datasheet (HTML) - ams-OSRAM AG


Q65115A1906 Product details

Applications
- Indoor Lighting
Features
- Package: Chip-on-Board
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 6500K
- CRI: 90 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux : typ. 2035 lm @ 3000 K, 85 °C
- Luminous efficacy : typ. 166 lm/W @ 3000 K, 85 °C





Similar Part No. - Q65115A1906

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
Q65115A1901 AMSOSRAM-Q65115A1901 Datasheet
1Mb / 18P
SOLERIQ™ S 15
Version 1.2 2025-12-08
Q65115A1904 AMSOSRAM-Q65115A1904 Datasheet
2Mb / 25P
OSCONIQ™ C 2424
Version 1.0 2025-12-22
Q65115A1908 AMSOSRAM-Q65115A1908 Datasheet
1Mb / 18P
SOLERIQ™ S 15
Version 1.2 2025-12-08
Q65115A1909 AMSOSRAM-Q65115A1909 Datasheet
1Mb / 18P
SOLERIQ™ S 15
Version 1.2 2025-12-08
More results


Similar Description - Q65115A1906

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
logo
ERNI Electronics
100200890001 ERNI-100200890001 Datasheet
156Kb / 1P
TMC S 9 SMD STANDARD
100500760002 ERNI-100500760002 Datasheet
112Kb / 1P
TMC-S 9 EE STANDARD
100101610003 ERNI-100101610003 Datasheet
150Kb / 1P
TMC S 9 EE STANDARD
logo
OSRAM GmbH
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
PHOENIX CONTACT
3212581 PHOENIX-3212581 Datasheet
86Kb / 9P
Connectors - PP-H 1,5/S/9
logo
Renesas Technology Corp
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com