Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTMUXHS5212DTYT Datasheet (PDF) - Texas Instruments

XTMUXHS5212DTYT Datasheet PDF - Texas Instruments
Part # XTMUXHS5212DTYT
Download  XTMUXHS5212DTYT Download
File Size   1171.53 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS5212 32Gbps Two-Channel Differential 2:1 Mux or 1:2 Demux

XTMUXHS5212DTYT Datasheet (PDF)

Go To PDF Page Download Datasheet
XTMUXHS5212DTYT Datasheet PDF - Texas Instruments

Part # XTMUXHS5212DTYT
Download  XTMUXHS5212DTYT Click to download

File Size   1171.53 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUXHS5212 32Gbps Two-Channel Differential 2:1 Mux or 1:2 Demux

XTMUXHS5212DTYT Datasheet (HTML) - Texas Instruments


XTMUXHS5212DTYT Product details

1 Features
• Provides 2 differential-channels of bidirectional 2:1 mux or 1:2 demux
• Suitable for interfaces with datarates up to 32Gbps NRZ
– Supports PCIe 5.0 (32 GT/s), USB 4.0, CXL 3.1, TBT 4, SATA 3, SAS-4, DSI/CSI, and Ethernet® applications
• −3dB differential BW of 18.5GHz typ
• Dynamic characteristics at 16GHz typ:
– Insertion loss = −2.75dB
– Return loss = −17dB
– Crosstalk = −30dB
• Minimal skew:
– Bit-to-Bit = 3ps typ
– Channel-to-Channel = 10ps typ
• Supports common mode voltages from 0 to 1.2V
• Single supply voltage VCC of 1.8V
• Adaptive common mode voltage tracking
• Low active (60μA typ) and standby current consumption (1μA typ)
• Temperature range of −40° to 105°C
• Available in 2.5mm × 2.5mm QFN package with 0.35mm pitch




Similar Part No. - XTMUXHS5212DTYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTMUXHS4212RKSR TI1-XTMUXHS4212RKSR Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
XTMUXHS4612RET TI-XTMUXHS4612RET Datasheet
1Mb / 30P
TMUXHS4612 6-Channel 20Gbps Differential 2:1 Mux / 1:2 Demux
JUNE 2024
More results


Similar Description - XTMUXHS5212DTYT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com