Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD141G Datasheet (PDF) - LightGraphix

LD141G Datasheet PDF - LightGraphix
Part # LD141G
Download  LD141G Download
File Size   2472.83 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT/WALL LIGHT

LD141G Datasheet (PDF)

Go To PDF Page Download Datasheet
LD141G Datasheet PDF - LightGraphix

Part # LD141G
Download  LD141G Click to download

File Size   2472.83 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT/WALL LIGHT

LD141G Datasheet (HTML) - LightGraphix


LD141G Product details

KEY FEATURES
> High-power E3 engine with NICHIA LED delivering up to 567lm at 700mA
> Available in a wide range of colour temperatures from 2200K to 5000K.
> Durable all glass bezel, suitable for a wide range of applications
> Range of beam angles including 12°, 19°, 34°, 54°, 15° x 49°
> Optional 20° tilt film angles the light onto the lit surface for a concentrated effect
> Optional glare shield and honeycomb louvre for further glare reduction
> Fixing options include a rebated trimless fixing sleeve, concrete housing
and ground tube
> Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
> Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD141G

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD141DR LIGHTGRAPHIX-LD141DR Datasheet
1Mb / 6P
DEEP RECESSED COMPACT EXTERIOR RECESSED LED UPLIGHT
22 May 2026
LD141DRG LIGHTGRAPHIX-LD141DRG Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-350 LIGHTGRAPHIX-LD141DRG-E3-350 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-500 LIGHTGRAPHIX-LD141DRG-E3-500 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141X LIGHTGRAPHIX-LD141X Datasheet
2Mb / 7P
COMPACT EXTERIOR RECESSED LED UPLIGHT
26 May 2026
More results


Similar Description - LD141G

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X25X CML-1905X25X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X900 CML-198010035X900 Datasheet
371Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com