Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD141X Datasheet (PDF) - LightGraphix

LD141X Datasheet PDF - LightGraphix
Part # LD141X
Download  LD141X Download
File Size   2475.64 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description COMPACT EXTERIOR RECESSED LED UPLIGHT

LD141X Datasheet (PDF)

Go To PDF Page Download Datasheet
LD141X Datasheet PDF - LightGraphix

Part # LD141X
Download  LD141X Click to download

File Size   2475.64 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description COMPACT EXTERIOR RECESSED LED UPLIGHT

LD141X Datasheet (HTML) - LightGraphix


LD141X Product details

KEY FEATURES
> High-power E3 engine with NICHIA LED delivering up to 567lm at 700mA
> For exterior uplight (LD141X) or wall light (LD141Y) applications
> Range of beam angles including 12°, 19°, 34°, 54°, 15° x 49°
> Optional 20° tilt film angles the light onto the lit surface for a concentrated effect
> Wide range of high-quality machined metal, painted wet spray and powder coated
bezel finishes available, including: 316 Stainless Steel, Polished & Passivated 316
Stainless Steel, Brass, White (RAL 9016), Black (RAL 9005), Classic Bronze (YM262E),
Gunmetal Grey (RAL 7021), Textured Mars Bronze, Textured Fir Green (RAL 6009) or
any RAL colour
> Optional glare shield and honeycomb louvre for further glare reduction
> Fixing options include spring clips or /480 first fix sleeve with O-rings, concrete
housing and ground tube
> Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
> Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD141X

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD141DR LIGHTGRAPHIX-LD141DR Datasheet
1Mb / 6P
DEEP RECESSED COMPACT EXTERIOR RECESSED LED UPLIGHT
22 May 2026
LD141DRG LIGHTGRAPHIX-LD141DRG Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-350 LIGHTGRAPHIX-LD141DRG-E3-350 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-500 LIGHTGRAPHIX-LD141DRG-E3-500 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141G LIGHTGRAPHIX-LD141G Datasheet
2Mb / 6P
COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT/WALL LIGHT
21 May 2026
More results


Similar Description - LD141X

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
ETA-USA
AOLL1-100 ETA-USA-AOLL1-100 Datasheet
1Mb / 4P
100W Exterior LED Driver
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
240W Exterior LED Driver
AOLL1-300 ETA-USA-AOLL1-300 Datasheet
2Mb / 4P
300W Exterior LED Driver
AOLL1-60 ETA-USA-AOLL1-60 Datasheet
1Mb / 4P
60W Exterior LED Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com