Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet (PDF) - LightGraphix

LR12 Datasheet PDF - LightGraphix
Part # LR12
Download  LR12 Download
File Size   3350.36 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description INTERIOR LINEAR RIGID

LR12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR12 Datasheet PDF - LightGraphix

Part # LR12
Download  LR12 Click to download

File Size   3350.36 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description INTERIOR LINEAR RIGID

LR12 Datasheet (HTML) - LightGraphix


LR12 Product details

KEY FEATURES
> Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
> Slim, low-profile with a 10mm light-emitting surface
> 24V DC system allowing long lengths from a single driver
> Colour-matched LEDs within 2-step MacAdam ellipse
> Continuous lengths up to 2m, 50mm cut increments
> Wide CCT range from 2200K - 6000K
> IP20 as standard
> Matching flexible profile: LF10D
> Range of mounting options
> Dimming: 0–10 V, DALI, Casambi, DMX, Mains
> Engineered, manufactured, and tested in the UK




Similar Part No. - LR12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
Crydom Inc.,
LR1200240A25R-120 CRYDOM-LR1200240A25R-120 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR1200240A25R-120 SENSATA-LR1200240A25R-120 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
logo
Crydom Inc.,
LR1200240A25R-240 CRYDOM-LR1200240A25R-240 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR1200240A25R-240 SENSATA-LR1200240A25R-240 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
More results


Similar Description - LR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
Polypropylene Semi-Rigid Notebooks
logo
PANDUIT CORP.
LD2P10EI8-A PANDUIT-LD2P10EI8-A Datasheet
75Kb / 1P
RIGID PVC POLYVINYL CHLORIDE
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Adam Technologies, Inc.
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
SMA MALE SEMI RIGID
RF11-12-T-08-75-G ADAM-TECH-RF11-12-T-08-75-G Datasheet
110Kb / 1P
MCX MALE RIGID 50
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com