Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 1 Page - LightGraphix

Part # LR12
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR12 Datasheet(HTML) 1 Page - LightGraphix

  LR12 Datasheet HTML 1Page - LightGraphix LR12 Datasheet HTML 2Page - LightGraphix LR12 Datasheet HTML 3Page - LightGraphix LR12 Datasheet HTML 4Page - LightGraphix LR12 Datasheet HTML 5Page - LightGraphix LR12 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LR12
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 29 April 2026
LR
12
Colour-Matched. Precision-Cut. Quality-Assured.
Built to Blend. Install-Ready.
Trusted by designers for precision, consistency, and total
system integration. Our updated and extended Linear range
brings that same expertise to flexible and rigid luminaires,
giving you the freedom to create clean, continuous lines of
light, perfectly matched in colour, quality, and performance
across every application.
The LR12 is a compact, rigid linear profile designed to match
the LF10D, delivering clean, controlled lines of light with
exacting colour consistency and a discreet architectural finish.
Built for uniformity, reliability, and visual control, the LR12
integrates seamlessly with its flexible counterpart to ensure
continuity across every detail of the design.
Engineered, manufactured, and tested in-house, it provides
up to 2m of continuous light, precision-cut to 1mm increments
and supplied as IP20 for interior architectural applications.
INTERIOR LINEAR RIGID
KEY FEATURES
>
Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
>
Slim, low-profile with a 10mm light-emitting surface
>
24V DC system allowing long lengths from a single driver
>
Colour-matched LEDs within 2-step MacAdam ellipse
>
Continuous lengths up to 2m, 50mm cut increments
>
Wide CCT range from 2200K - 6000K
>
IP20 as standard
>
Matching flexible profile: LF10D
>
Range of mounting options
>
Dimming: 0–10 V, DALI, Casambi, DMX, Mains
>
Engineered, manufactured, and tested in the UK
DIMENSIONS
Dimensions in mm
For full dimensions please go to page 3.
Custom
Length
up
to 2000mm
12
15


Similar Part No. - LR12

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
Crydom Inc.,
LR1200240A25R-120 CRYDOM-LR1200240A25R-120 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR1200240A25R-120 SENSATA-LR1200240A25R-120 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
logo
Crydom Inc.,
LR1200240A25R-240 CRYDOM-LR1200240A25R-240 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR1200240A25R-240 SENSATA-LR1200240A25R-240 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
More results

Similar Description - LR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
Polypropylene Semi-Rigid Notebooks
logo
PANDUIT CORP.
LD2P10EI8-A PANDUIT-LD2P10EI8-A Datasheet
75Kb / 1P
RIGID PVC POLYVINYL CHLORIDE
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Adam Technologies, Inc.
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
SMA MALE SEMI RIGID
RF11-12-T-08-75-G ADAM-TECH-RF11-12-T-08-75-G Datasheet
110Kb / 1P
MCX MALE RIGID 50
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com