Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR33-BM Datasheet (PDF) - ams-OSRAM AG

GW-P9LR33-BM Datasheet PDF - ams-OSRAM AG
Part # GW-P9LR33-BM
Download  GW-P9LR33-BM Download
File Size   2113.51 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 8

GW-P9LR33-BM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-P9LR33-BM Datasheet PDF - ams-OSRAM AG

Part # GW-P9LR33-BM
Download  GW-P9LR33-BM Click to download

File Size   2113.51 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 8

GW-P9LR33-BM Datasheet (HTML) - ams-OSRAM AG


GW-P9LR33-BM Product details

Applications
- Indoor lighting - Outdoor & industrial lighting
Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 4000K
- CRI: 95 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Luminous Flux: typ. 390 lm @ 2700 K
- Luminous efficacy: typ. 103 lm/W @ 2700 K





Similar Part No. - GW-P9LR33-BM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-P9LR33-CM AMSOSRAM-GW-P9LR33-CM Datasheet
1Mb / 24P
DURIS® S 8
2017-11-30
More results


Similar Description - GW-P9LR33-BM

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
054996 ERNI-054996 Datasheet
264Kb / 2P
TMC-S 8W8-LP07-8
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
PHOENIX CONTACT
3056145 PHOENIX-3056145 Datasheet
94Kb / 4P
RWO 8/S
3073610 PHOENIX-3073610 Datasheet
102Kb / 4P
RW 8/S
logo
Advantech Co., Ltd.
MIC-1842 ADVANTECH-MIC-1842 Datasheet
555Kb / 1P
12-Bit, 20MS/s, 8-ch AI Platform with Intel® Core™ i5 Processor
24-Nov-2021
logo
ams AG
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com