Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR37-PM Datasheet (PDF) - ams-OSRAM AG

GW-P9LR37-PM Datasheet PDF - ams-OSRAM AG
Part # GW-P9LR37-PM
Download  GW-P9LR37-PM Download
File Size   2033.99 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 5050

GW-P9LR37-PM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-P9LR37-PM Datasheet PDF - ams-OSRAM AG

Part # GW-P9LR37-PM
Download  GW-P9LR37-PM Click to download

File Size   2033.99 Kbytes
Page   25 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 5050

GW-P9LR37-PM Datasheet (HTML) - ams-OSRAM AG


GW-P9LR37-PM Product details

Applications
- Indoor Lighting - Outdoor & Industrial Lighting
Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.), 72 (typ.), R9: -50 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Luminous Flux: typ. 219 lm @ 4000 K @ 25°C
- Luminous efficacy: typ. 220 lm/W @ 4000 K @ 25°C





Similar Part No. - GW-P9LR37-PM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-P9LR31-EM AMSOSRAM-GW-P9LR31-EM Datasheet
1Mb / 24P
DURIS® S 8
2017-11-29
GW-P9LR31-PM AMSOSRAM-GW-P9LR31-PM Datasheet
1Mb / 24P
DURIS® S 8
2017-11-10
logo
OSRAM GmbH
GW-P9LR31.EM OSRAM-GW-P9LR31.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
logo
ams-OSRAM AG
GW-P9LR32-CM AMSOSRAM-GW-P9LR32-CM Datasheet
1Mb / 24P
DURIS® S 8
2017-11-29
GW-P9LR32-EM AMSOSRAM-GW-P9LR32-EM Datasheet
2Mb / 24P
DURIS® S 8
2017-11-29
More results


Similar Description - GW-P9LR37-PM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
OptoSupply Internationa...
OE35RGB3N-J OPTOSUPPLY-OE35RGB3N-J Datasheet
265Kb / 3P
PRODUCT SPECIFICATION FOR 5050 SMD 3-LED MODULE
logo
Inolux Corporation
IN-P55TATRGB INOLUX-IN-P55TATRGB Datasheet
1Mb / 14P
1.5mm 5050 PLCC-6
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
Cree, Inc
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
logo
FIBOX Enclosing innovat...
8120954 FIBOX-8120954 Datasheet
37Kb / 1P
Rain canopy set for size 5050
24.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com