Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR31-EM Datasheet (PDF) - ams-OSRAM AG

GW-P9LR31-EM Datasheet PDF - ams-OSRAM AG
Part # GW-P9LR31-EM
Download  GW-P9LR31-EM Download
File Size   1689.97 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® S 8

GW-P9LR31-EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-P9LR31-EM Datasheet PDF - ams-OSRAM AG

Part # GW-P9LR31-EM
Download  GW-P9LR31-EM Click to download

File Size   1689.97 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS® S 8

GW-P9LR31-EM Datasheet (HTML) - ams-OSRAM AG


GW-P9LR31-EM Product details

Features:
• Package: white SMT package, colored diffused
silicone resin
• Viewing angle at 50 % IV: 120°
• Color: 2700 K - 6500 K (white)
• CRI: min. 80 ( typ. 82 )
• Luminous Flux: typ. 520 lm @ 3000 K
• Luminous efficacy: typ. 138 lm/W @ 3000 K
• Lumen Maintenance: Testing according to IESNA
LM-80 in progress
Applications
• Directional retrofits
• Downlights
• Omnidirectional retrofits
• Spot lights




Similar Part No. - GW-P9LR31-EM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-P9LR31-PM AMSOSRAM-GW-P9LR31-PM Datasheet
1Mb / 24P
DURIS® S 8
2017-11-10
More results


Similar Description - GW-P9LR31-EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
ams AG
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
UNITRONIC® 300 S
May 15, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com